wiring diagram general data life expectancy minimum operations mechanical 7.5 x 10 5 electrical 5 x 10 5 at 16a 400vac 2 x 10 5 at 35a 400vac (break only) 1 x 10 5 at 50a 400vac (break only) dimensions (mm) 51.2 x 46.6 x 36.5 construction unsealed weight approx. 110 grams coil coil consumption 5va coil voltage see table a & b coil resistance see table a & b insulation system class b (130 o c) features 7/27/06 ? 50a switching capability spst-nc configurations .250? quick connect termination iso 9001 certified variety of mounting positions ul, cur sa11095 non-position sensitive design* ZCPR series motor start potential relay ZCPRa6am6 contacts arrangement spst-nc ratings 16a (make and break), 400 vac, cos k = 0.7 to 0.8 35a (break only), 400 vac cos k = 0.7 to 0.8 50a (break only), 400 vac cos k = 0.7 to 0.8 material silver cadmium oxide resistance < 50 milliohms at 1a 24vdc *except in position #3
ZCPR series 7/27/06 mechanical data tab mount ZCPRz6am6 shown 2.0 16.0 9.6 3 6.5 3 .0 51.2 46.6 2 3 . 3 10.4 2 8 .7 5.2 5.0 5.0 5.2 2 8 .7 10.4 2 3 . 3 46.6 51.2 51.2 46.6 2 3 . 3 10.4 2 8 .7 5.2 5.0 7.6 3 6.5 3 .0 45.2 4.0 6.4 10.0 ?5.0 7.6 3 6.5 3 .0 8 .0 8 .0 17.4 8 .0 9.4 5-? 3 .6 3 .2 3 .7 7.6 pla s tic mount (unit: mm) panel mount (unit: mm) metal tab mount ( unit: mm) outline dimensions
ZCPR series 7/27/06 mounting type/terminal configuration motor start potential relay part number ordering information. ZCPR part numbering system d coil t ype/p .u. & d.o. - see table a & b 6am mounting position - see below xxx optional customer assign (xxx) 6 mounting position w x y z metal tab mount, 5 screws (2 on #4) metal tab mount, 5 dual qd (2 on #4) metal tab mount, 3 screws (#1, 2 and 5) metal tab mount, 3 dual qd (#1, 2 and 5) a b c d l m n p panel mount, 5 screws (2 on #4) panel mount, 5 dual qd (2 on #4) panel mount, 3 screws (#1, 2 and 5) panel mount, 3 dual qd (#1, 2 and 5) plastic tab and panel mount, 5 screws (2 on #4) plastic tab and panel mount, 5 screws (2 on #4) plastic tab and panel mount, 3 screws (2 on #4) plastic tab and panel mount, 5 dual qd (2 on #4) basic series designation mounting t ype/term inal configuration * * position sensitive
ZCPR series 7/27/06 table a - operating characteristics at 50 hz motor start potential relay coil number 23 4 5 6 7 8 9 vmax at 40 ? v ' 299 338 378 356 452 151 530 228 resistance ? 10% at 25 ? ( ? ? ) 5600 7500 10700 10000 13800 1500 19500 3900 h.p.u. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. a 120-130 111-124 20-45 111-124 35-77 b 130-140 120-134 20-45 120-134 35-77 c 150-160 140-153 40-90 130-144 20-45 130-144 35-77 d 160-170 150-163 40-90 150-163 40-90 140-153 20-45 140-153 35-77 e 170-180 162-175 40-90 162-175 40-90 149-163 35-77 f 180-190 171-184 40-90 171-184 40-90 180-195 40-105 157-172 35-77 g 190-200 180-193 40-90 180-195 40-105 180-195 40-105 189-205 40-105 168-182 35-77 h 200-220 186-215 40-90 190-215 40-105 195-224 50-110 186-214 60-133 178-192 35-77 i 220-240 205-234 40-105 208-239 50-110 204-233 50-110 204-233 60-133 183-213 35-77 l 240-260 224-252 40-105 224-252 50-110 223-259 50-110 223-252 60-133 223-252 60-130 203-231 35-77 m 260-280 243-271 40-105 239-270 50-110 242-272 50-110 242-272 60-133 239-268 60-135 239-268 75-170 n 280-300 260-289 50-110 262-290 60-121 262-290 60-133 258-287 60-135 258-287 75-170 o 300-320 280-310 60-121 280-310 60-133 277-305 60-135 277-305 75-170 p 320-340 300-328 60-121 300-328 60-154 295-324 60-135 295-324 75-170 q 340-360 318-347 60-121 314-342 60-135 314-342 75-180 r 350-370 323-352 75-180 s 360-380 332-361 75-180 h.p.u. = approximate pick up at 90 o c, p.u. and d.o. values at 25 o c. 40 o c (v) + 10% at 25 o c ( e ) coil number 23 4 5 6 7 8 9 vmax at 40 ? v ' 332 375 420 395 502 168 588 253 resistance ? 10% at 25 ? ( ? ? ) 5600 7500 10700 10000 13800 1500 19500 3900 h.p.u. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. p.u. d.o. aa 120-130 111-124 20-45 111-124 35-77 ab 130-140 120-134 20-45 120-134 35-77 ac 150-160 130-144 20-45 130-144 35-77 ad 160-170 150-163 40-90 140-153 20-45 140-153 35-77 ae 170-180 162-175 40-90 149-163 20-45 149-163 35-77 af 180-190 171-184 40-90 180-195 40-105 157-172 35-77 ag 190-200 180-193 40-90 180-195 40-105 189-205 40-105 168-182 35-77 ah 200-220 186-215 40-90 190-215 40-105 195-224 60-121 186-214 60-130 178-192 35-77 ai 220-240 205-234 40-90 208-239 50-110 204-233 60-121 204-233 60-130 183-213 35-77 al 240-260 224-252 40-105 224-252 50-110 223-259 60-121 223-252 60-130 203-231 35-77 am 260-280 243-271 40-105 239-270 50-110 242-272 60-121 242-272 60-140 239-268 60-135 221-250 35-77 an 280-300 260-289 50-110 262-290 60-121 262-290 60-140 258-287 60-135 258-287 75-170 ao 300-320 280-310 60-121 280-310 60-140 277-305 60-135 277-305 75-170 ap 320-340 300-328 60-121 300-328 60-140 295-324 60-135 295-324 75-170 aq 340-360 318-347 60-121 314-342 60-135 314-342 75-180 ar 350-370 323-352 75-180 as 360-380 332-361 75-180 h.p.u. = approximate pick up at 90 o c, p.u. and d.o. values at 25 o c. 40 o c (v) + 10% at 25 o c ( e ) table b - operating characteristics at 60 hz
|